Part Number Hot Search : 
C3216X7R PC35005 SM512 50010 STI7106 AO340 2N5320 K1515
Product Description
Full Text Search
 

To Download BGY888 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D252
BGY888 CATV amplifier module
Product specification Supersedes data of 1997 Apr 10 1999 Mar 30
Philips Semiconductors
Product specification
CATV amplifier module
FEATURES * Excellent linearity * Extremely low noise * High gain * Excellent return loss properties. APPLICATIONS * Single module line extender in CATV systems operating over a frequency range of 40 to 860 MHz.
handbook, halfpage
BGY888
PINNING SOT115J PIN 1 2, 3 5 7, 8 9 input common +VB common output DESCRIPTION
DESCRIPTION Hybrid high dynamic range amplifier module operating with a voltage supply of 24 V in a SOT115J package. The high gain module consists of two cascaded stages both in cascode configuration.
1
2
3
5
7
8
9
Side view
MSA319
Fig.1 Simplified outline.
QUICK REFERENCE DATA SYMBOL Gp Itot power gain total current consumption (DC) PARAMETER f = 50 MHz f = 860 MHz VB = 24 V CONDITIONS MIN. 33.5 34 - - 340 MAX. 34.5 UNIT dB dB mA
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL Vi Tmb Tstg RF input voltage operating mounting base temperature storage temperature PARAMETER - -20 -40 MIN. MAX. 55 +100 +100 UNIT dBmV C C
1999 Mar 30
2
Philips Semiconductors
Product specification
CATV amplifier module
CHARACTERISTICS Table 1 Bandwidth 40 to 860 MHz; VB = 24 V; Tcase = 30 C; ZS = ZL = 75 PARAMETER power gain slope cable equivalent flatness of frequency response input return losses f = 50 MHz f = 860 MHz SL FL S11 f = 40 to 860 MHz f = 40 to 860 MHz f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 320 MHz f = 320 to 640 MHz f = 640 to 860 MHz S22 output return losses f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 320 MHz f = 320 to 640 MHz f = 640 to 860 MHz S21 CTB Xmod CSO d2 Vo F phase response composite triple beat cross modulation composite second order distortion second order distortion output voltage noise figure f = 50 MHz 49 channels flat; Vo = 44 dBmV; measured at 859.25 MHz 49 channels flat; Vo = 44 dBmV; measured at 55.25 MHz 49 channels flat; Vo = 44 dBmV; measured at 860.5 MHz note 1 dim = -60 dB; note 2 f = 50 MHz f = 550 MHz f = 600 MHz f = 650 MHz f = 750 MHz f = 860 MHz Itot Notes 1. fp = 55.25 MHz; Vp = 44 dBmV; fq = 805.25 MHz; Vq = 44 dBmV; measured at fp + fq = 860.5 MHz. 2. Measured according to DIN45004B: fp = 851.25 MHz; Vp = Vo; fq = 858.25 MHz; Vq = Vo-6 dB; fr = 860.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 849.25 MHz. 3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V. 1999 Mar 30 3 total current consumption (DC) note 3 CONDITIONS MIN. 33.5 34 0.5 - 20 18.5 17 15.5 14 20 18.5 17 15.5 14 135 - - - - 58 - - - - - - - TYP. 34 35 1.1 0.2 25 28 28 21 18.5 25.5 28.5 26.5 20.5 21 - -63.5 -63 -64 -74 60 4 - - - - 5.5 325
BGY888
SYMBOL Gp
MAX. 34.5 - 2.5 0.5 - - - - - - - - - - 225 -60 -59 -55 -65 - 4.5 5 5 5.5 6 7 340
UNIT dB dB dB dB dB dB dB dB dB dB dB dB dB dB deg dB dB dB dB dBmV dB dB dB dB dB dB mA
Philips Semiconductors
Product specification
CATV amplifier module
Table 2 Bandwidth 40 to 860 MHz; VB = 24 V; Tcase = 30 C; ZS = ZL = 75 PARAMETER power gain slope cable equivalent flatness of frequency response input return losses f = 50 MHz f = 860 MHz SL FL S11 f = 40 to 860 MHz f = 40 to 860 MHz f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 320 MHz f = 320 to 640 MHz f = 640 to 860 MHz S22 output return losses f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 320 MHz f = 320 to 640 MHz f = 640 to 860 MHz S21 CTB Xmod CSO d2 Vo F Itot Notes 1. fp = 55.25 MHz; Vp = 44 dBmV; fq = 805.25 MHz; Vq = 44 dBmV; measured at fp + fq = 860.5 MHz. 2. Measured according to DIN45004B: fp = 851.25 MHz; Vp = Vo; fq = 858.25 MHz; Vq = Vo -6 dB; fr = 860.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 849.25 MHz. 3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V. phase response composite triple beat cross modulation composite second order distortion second order distortion output voltage noise figure total current consumption (DC) f = 50 MHz 129 channels flat; Vo = 44 dBmV; measured at 859.25 MHz 129 channels flat; Vo = 44 dBmV; measured at 55.25 MHz 129 channels flat; Vo = 44 dBmV; measured at 860.5 MHz note 1 dim = -60 dB; note 2 see Table 1 note 3 CONDITIONS MIN. 33.5 34 0.5 - 20 18.5 17 15.5 14 20 18.5 17 15.5 14 135 - - - - 58 - - TYP. 34 35 1.1 0.2 25 28 28 21 18.5 25.5 28.5 26.5 20.5 21 - -47.5 -53.5 -56 -74 60 - 325
BGY888
SYMBOL Gp
MAX. 34.5 - 2.5 0.5 - - - - - - - - - - 225 -46 -50 -48 -65 - - 340
UNIT dB dB dB dB dB dB dB dB dB dB dB dB dB dB deg dB dB dB dB dBmV dB mA
1999 Mar 30
4
Philips Semiconductors
Product specification
CATV amplifier module
Table 3 Bandwidth 40 to 750 MHz; VB = 24 V; Tcase = 30 C; ZS = ZL = 75 PARAMETER power gain slope cable equivalent flatness of frequency response input return losses f = 50 MHz f = 750 MHz SL FL S11 f = 40 to 750 MHz f = 40 to 750 MHz f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 320 MHz f = 320 to 640 MHz f = 640 to 750 MHz S22 output return losses f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 320 MHz f = 320 to 640 MHz f = 640 to 750 MHz S21 CTB Xmod CSO d2 Vo F Itot Notes 1. fp = 55.25 MHz; Vp = 44 dBmV; fq = 691.25 MHz; Vq = 44 dBmV; measured at fp + fq = 746.5 MHz. 2. Measured according to DIN45004B: fp = 740.25 MHz; Vp = Vo; fq = 747.25 MHz; Vq = Vo-6 dB; fr = 749.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 738.25 MHz. 3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V. phase response composite triple beat cross modulation composite second order distortion second order distortion output voltage noise figure total current consumption (DC) f = 50 MHz 110 channels flat; Vo = 44 dBmV; measured at 745.25 MHz 110 channels flat; Vo = 44 dBmV; measured at 55.25 MHz 110 channels flat; Vo = 44 dBmV; measured at 746.5 MHz note 1 dim = -60 dB; note 2 see Table 1 note 3 CONDITIONS MIN. 33.5 34 0.2 - 20 18.5 17 15.5 14 20 18.5 17 15.5 14 135 - - - - 59 - - TYP. 34 - - - 25 28 28 21 18.5 25.5 28.5 26.5 20.5 21 - -52.5 -55.5 -61.5 - - - 325
BGY888
SYMBOL Gp
MAX. 34.5 - 2.2 0.45 - - - - - - - - - - 225 -50 -51 -53 -65 - - 340
UNIT dB dB dB dB dB dB dB dB dB dB dB dB dB dB deg dB dB dB dB dBmV dB mA
1999 Mar 30
5
Philips Semiconductors
Product specification
CATV amplifier module
Table 4 Bandwidth 40 to 600 MHz; VB = 24 V; Tcase = 30 C; ZS = ZL = 75 PARAMETER power gain slope cable equivalent flatness of frequency response input return losses f = 50 MHz f = 600 MHz SL FL S11 f = 40 to 600 MHz f = 40 to 600 MHz f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 320 MHz f = 320 to 600 MHz S22 output return losses f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 320 MHz f = 320 to 600 MHz S21 CTB Xmod CSO d2 Vo F Itot Notes 1. fp = 55.25 MHz; Vp = 44 dBmV; fq = 541.25 MHz; Vq = 44 dBmV; measured at fp + fq = 596.5 MHz. 2. Measured according to DIN45004B: fp = 590.25 MHz; Vp = Vo; fq = 597.25 MHz; Vq = Vo -6 dB; fr = 599.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 588.25 MHz. 3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V. phase response composite triple beat cross modulation composite second order distortion second order distortion output voltage noise figure (DC) total current consumption f = 50MHz 85 channels flat; Vo = 44 dBmV; measured at 595.25 MHz 85 channels flat; Vo = 44 dBmV; measured at 55.25 MHz 85 channels flat; Vo = 44 dBmV; measured at 596.5 MHz note 1 dim = -60 dB; note 2 see Table 1 note 3 CONDITIONS MIN. 33.5 34 0 - 20 18.5 17 16 20 18.5 17 16 135 - - - - 61 - - TYP. 34 - - - 25 28 28 21 25.5 28.5 26.5 20.5 - -56.5 -58 -69.5 - - - 325
BGY888
SYMBOL Gp
MAX. 34.5 - 2 0.35 - - - - - - - - 225 -55 -54 -56 -68 - - 340
UNIT dB dB dB dB dB dB dB dB dB dB dB dB deg dB dB dB dB dBmV dB mA
1999 Mar 30
6
Philips Semiconductors
Product specification
CATV amplifier module
PACKAGE OUTLINE Rectangular single-ended package; aluminium flange; 2 vertical mounting holes; 2 x 6-32 UNC and 2 extra horizontal mounting holes; 7 gold-plated in-line leads
BGY888
SOT115J
D E Z p
A2 1 A L F S W d U2 B yMB p Q e e1 q2 q1 yMB yMB b wM 2 3 5 7 8 9
c
U1
q
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT A2 A max. max. 9.1 b c d D E max. max. max. e e1 F L min. 8.8 p 4.15 3.85 Q max. 2.4 q q1 q2 S U1 U2 max. 8 W w y 0.1 Z max. 3.8
mm 20.8
0.51 0.25 27.2 2.54 13.75 2.54 5.08 12.7 0.38
38.1 25.4 10.2
4.2 44.75
6-32 0.25 UNC
OUTLINE VERSION SOT115J
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-02-06
1999 Mar 30
7
Philips Semiconductors
Product specification
CATV amplifier module
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BGY888
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1999 Mar 30
8
Philips Semiconductors
Product specification
CATV amplifier module
NOTES
BGY888
1999 Mar 30
9
Philips Semiconductors
Product specification
CATV amplifier module
NOTES
BGY888
1999 Mar 30
10
Philips Semiconductors
Product specification
CATV amplifier module
NOTES
BGY888
1999 Mar 30
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999
Internet: http://www.semiconductors.philips.com
SCA63
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
125008/00/04/pp12
Date of release: 1999 Mar 30
Document order number:
9397 750 05456


▲Up To Search▲   

 
Price & Availability of BGY888

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X